Part Number Hot Search : 
RN2408 KRA305V LX432CSE GRM188R7 2SC5998 AM29L517 TN8R01 R2500
Product Description
Full Text Search
 

To Download KGF1321S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 E2Q0038-38-72 electronic components
This version: Jul. 1998 Previous version: Jan. 1998 KGF1321S
electronic components KGF1321S
Power FET (Ceramic Package Type)
GENERAL DESCRIPTION
The KGF1321S, housed in a SMD-type ceramic package, is a discrete UHF-band power FET that features high efficiency, high output power, and low current operation. The KGF1321S specifications are guaranteed to a fixed matching circuit for 5.8 V and 850 MHz; external impedance-matching circuits are also required. Because of its high efficiency, high output power (more than 31.5 dBm), and SMD package, the KGF1321S is ideal as a transmitter-final-stage amplifier for personal handy phones, such as analog cellular phones.
FEATURES
* High output power: 31.5 dBm (min.) * High efficiency: 70% (min.) * Low thermal resistance: 18C/W (typ.) * Package: 3PFP
1/7
electronic components
KGF1321S
MARKING
(1)
(2)
K1321S XXXX
PRODUCT NAME LOT NUMBER
MONTHLY LOT NUMBER (3) PRODUCTION MONTH (1-9,X,Y,Z) PRODUCTION YEAR (LOWEST DIGIT) (1) Gate (2) Source (3) Drain
CIRCUIT
Drain(3)
Gate(1)
Source(2)
2/7
electronic components
KGF1321S
ABSOLUTE MAXIMUM RATINGS
Item Drain-source voltage Gate-source voltage Drain current Total power dissipation Channel temperature Storage temperature Symbol VDS VGS IDS Ptot Tch Tstg Condition Ta = 25C Ta = 25C Ta = 25C Ta = Tc = 25C -- -- Unit V V A W C C Min. -- -6.0 -- -- -- -45 Max. 10 0.4 3 5 150 125
ELECTRICAL CHARACTERISTICS
Item Gate-source leakage current Gate-drain leakage current Drain-source leakage current Drain current Gate bias Q-point Output power Drain efficiency Thermal resistance Symbol IGSS IGDO IDS(off) IDSS VGSQ PO hD Rth Condition VGS = -6 V VGD = -16 V VDS = 10 V, VGS = -6 V VDS = 1.5 V, VGS = 0 V VDS = 5.8 V, IDSQ = 175 mA (*1), PIN = 20 dBm (*1), PIN = 20 dBm Channel to case Unit mA mA mA A V dBm % C/W Min. -- -- -- 2.0 -3.35 31.5 70 -- Typ. -- -- -- -- -- -- -- 18
(Ta = 25C) Max. 0.1 0.5 1.5 -- -2.45 -- -- --
*1 Condition: f = 850 MHz, VDS = 5.8 V, IDSQ = 175 mA
3/7
electronic components
KGF1321S
CHARACTERISTICS
4/7
electronic components Typical S Parameters
KGF1321S
VDS = 5.8 V, IDS = 175 mA Freq(MHz) MAG(S11) ANG(S11) MAG(S21) ANG(S21) MAG(S12) ANG(S12) MAG(S22) ANG(S22) 500.0 600.0 700.0 800.0 900.0 1000.0 1100.0 1200.0 1300.0 1400.0 1500.0 1600.0 1700.0 1800.0 1900.0 2000.0 2100.0 2200.0 2300.0 2400.0 2500.0 2600.0 2700.0 2800.0 2900.0 3000.0 0.934 0.933 0.931 0.933 0.930 0.929 0.928 0.926 0.926 0.923 0.923 0.922 0.917 0.920 0.914 0.915 0.911 0.911 0.908 0.907 0.907 0.902 0.900 0.898 0.899 0.894 -147.47 -153.34 -157.83 -161.16 -164.05 -166.41 -168.49 -170.28 -171.90 -173.38 -174.79 -176.22 -177.31 -178.52 -179.85 179.28 177.85 176.88 175.84 174.63 173.85 172.51 171.60 170.55 169.48 168.51 3.870 3.279 2.828 2.511 2.240 2.030 1.857 1.707 1.592 1.473 1.389 1.302 1.236 1.173 1.109 1.066 1.012 0.976 0.937 0.899 0.866 0.838 0.808 0.790 0.753 0.740 96.34 91.79 87.72 84.05 81.08 77.97 75.35 72.50 69.75 67.32 64.77 62.62 60.10 57.77 55.53 53.31 51.00 49.02 46.71 44.87 42.33 40.77 38.27 36.48 34.27 32.15 0.038 0.039 0.040 0.041 0.041 0.042 0.042 0.043 0.043 0.044 0.045 0.045 0.046 0.046 0.047 0.048 0.048 0.049 0.050 0.050 0.051 0.051 0.053 0.053 0.054 0.054 21.91 19.84 18.53 17.91 17.58 16.76 16.78 16.71 16.93 16.46 16.93 16.32 17.35 17.04 16.94 17.25 16.74 16.78 17.16 16.68 17.70 16.95 17.15 17.33 17.22 17.56 0.666 0.671 0.674 0.674 0.678 0.678 0.677 0.678 0.677 0.679 0.675 0.678 0.676 0.678 0.676 0.676 0.674 0.677 0.673 0.674 0.674 0.675 0.673 0.674 0.675 0.673 -175.31 -176.79 -177.80 -178.81 -179.43 179.49 179.10 178.16 177.44 176.95 176.29 175.63 175.18 174.46 173.46 173.10 172.11 171.75 170.74 170.18 169.41 168.69 167.92 167.17 166.38 165.56
5/7
electronic components Typical S Parameters
KGF1321S
VDS = 5.8 V, IDS = 175 mA Frequency : 0.5 to 3.0 GHz Z0 = 50 W
6/7
electronic components
KGF1321S
PACKAGE DIMENTIONS
1.10.2 0.510.15
0.50.05
4.40.15
1.90.15 3.00.15 6.30.15
2.80
3.70.15
1.50.15
0.1250.05
3.80.15 3.50.15
2.0
2.05 2.85 METALIZATION (Unit: mm)
Package material Lead frame material Pin treatment plate thickness Al203 Fe-Ni-Co alloy Ni/Au plating Au:1.0 mm or more
3.4
5.6 MAX
4.20.15
7/7


▲Up To Search▲   

 
Price & Availability of KGF1321S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X